Part Number Hot Search : 
83058AGI MC10H121 G001I ST100 2SK2824 BDX77 74LCX374 00M000
Product Description
Full Text Search
 

To Download 1N4003-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4001/L - 1N4007/L
1.0A RECTIFIER Features
* * * * *
Diffused Junction High Current Capability and Low Forward Voltage Drop Surge Overload Rating to 30A Peak Low Reverse Leakage Current Lead Free Finish, RoHS Compliant (Note 4)
A
B
A
Mechanical Data
* * * * * * * * *
Case: DO-41, A-405 Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Finish - Bright Tin. Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: Cathode Band Mounting Position: Any Ordering Information: See Last Page Marking: Type Number Weight: DO-41 0.30 grams (approximate) A-405 0.20 grams (approximate) DO-41 Plastic Min 25.40 4.06 0.71 2.00 Max 3/4 5.21 0.864 2.72
C
D
A-405 Min 25.40 4.10 0.53 2.00 Max 3/4 5.20 0.64 2.70
Dim A B C D
All Dimensions in mm "L" Suffix Designates A-405 Package No Suffix Designates DO-41 Package
Maximum Ratings and Electrical Characteristics
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current (Note 1) @ TA = 75C Non-Repetitive Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage Peak Reverse Current at Rated DC Blocking Voltage Typical Junction Capacitance (Note 2) Typical Thermal Resistance Junction to Ambient Maximum DC Blocking Voltage Temperature Operating and Storage Temperature Range (Note 3)
Notes: 1. 2. 3. 4.
@ TA = 25C unless otherwise specified
1N 1N 1N 1N 1N 1N 1N Symbol 4001/L 4002/L 4003/L 4004/L 4005/L 4006/L 4007/L VRRM VRWM VR VR(RMS) IO IFSM VFM IRM Cj RqJA TA Tj, TSTG 15 100 +150 -65 to +150 50 35 100 70 200 140 400 280 1.0 30 1.0 5.0 50 8 600 420 800 560 1000 700
Unit V V A A V mA pF K/W C C
@ IF = 1.0A @ TA = 25C @ TA = 100C
Leads maintained at ambient temperature at a distance of 9.5mm from the case. Measured at 1. MHz and applied reverse voltage of 4.0V DC. JEDEC Value. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
DS28002 Rev. 7 - 2
1 of 3 www.diodes.com
1N4001/L-1N4007/L
a Diodes Incorporated
I(AV), AVERAGE FORWARD RECTIFIED CURRENT (A)
1.0
IF, INSTANTANEOUS FORWARD CURRENT (A)
10
0.8
1.0
0.6
0.4
0.1
0.2
0 40 60 80 100 120 140 160 180 TA, AMBIENT TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
0.01 0.6
0.8
1.0
1.2
1.4
1.6
VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
50
100
Tj = 25C f = 1MHz
IFSM, PEAK FORWARD SURGE CURRENT (A)
40
30
Cj, CAPACITANCE (pF)
1N4001 - 1N4004
10
20
1N4005 - 1N4007
10
8.3ms Single half sine-wave JEDEC Method
0 1.0 10 100 NUMBER OF CYCLES AT 60 Hz Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
1.0 1.0 10 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance 100
DS28002 Rev. 7 - 2
2 of 3 www.diodes.com
1N4001/L-1N4007/L
Ordering Information
Device 1N4001-A 1N4001-B 1N4001-T 1N4002-A 1N4002-B 1N4002-T 1N4003-A 1N4003-B 1N4003-T 1N4004-A 1N4004-B 1N4004-T 1N4005-A 1N4005-B 1N4005-T 1N4006-A 1N4006-B 1N4006-T 1N4007-A 1N4007-B 1N4007-T 1N4001L-T 1N4002L-T 1N4003L-T 1N4004L-T 1N4005L-T 1N4006L-T 1N4007L-T
Notes:
(Note 5) Packaging DO-41 Plastic DO-41 Plastic DO-41 Plastic DO-41 Plastic DO-41 Plastic DO-41 Plastic DO-41 Plastic DO-41 Plastic DO-41 Plastic DO-41 Plastic DO-41 Plastic DO-41 Plastic DO-41 Plastic DO-41 Plastic DO-41 Plastic DO-41 Plastic DO-41 Plastic DO-41 Plastic DO-41 Plastic DO-41 Plastic DO-41 Plastic A-405 A-405 A-405 A-405 A-405 A-405 A-405 Shipping 5K/Ammo Pack 1K/Bulk 5K/Tape & Reel, 13-inch 5K/Ammo Pack 1K/Bulk 5K/Tape & Reel, 13-inch 5K/Ammo Pack 1K/Bulk 5K/Tape & Reel, 13-inch 5K/Ammo Pack 1K/Bulk 5K/Tape & Reel, 13-inch 5K/Ammo Pack 1K/Bulk 5K/Tape & Reel, 13-inch 5K/Ammo Pack 1K/Bulk 5K/Tape & Reel, 13-inch 5K/Ammo Pack 1K/Bulk 5K/Tape & Reel, 13-inch 5K/Tape & Reel, 13-inch 5K/Tape & Reel, 13-inch 5K/Tape & Reel, 13-inch 5K/Tape & Reel, 13-inch 5K/Tape & Reel, 13-inch 5K/Tape & Reel, 13-inch 5K/Tape & Reel, 13-inch
5. For packaging details, visit our website at http://www.diodes.com/datasheets/ap02008.pdf
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS28002 Rev. 7 - 2
3 of 3 www.diodes.com
1N4001/L-1N4007/L


▲Up To Search▲   

 
Price & Availability of 1N4003-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X